Part Number Hot Search : 
1N3024TR E83CC 225000 A5800423 2C64A HT7024A DMR14A HWL34YRA
Product Description
Full Text Search
 

To Download ZHCS1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE "SuperBAT"
ISSUE 1 - NOVEMBER 1997 7
1
ZHCS1006
C 1 A 3
FEATURES: * High current capability * Low V F APPLICATIONS: * Mobile telecomms, PCMIA & SCSI * DC-DC Conversion PARTMARKING DETAILS : S16
2
3
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Continuous Reverse Voltage Forward Current Forward Voltage @ IF = 1000mA(typ) Average Peak Forward Current;D.C.= 50% Non Repetitive Forward Current t100s t10ms Power Dissipation at Tamb= 25 C Storage Temperature Range Junction Temperature SYMBOL VR IF VF IFAV IFSM Ptot Tstg Tj VALUE 60 900 600 1600 12 5 500 -55 to + 150 125
SOT23
UNIT V mA mV mA A A mW C C
ELECTRICAL CHARACTERISTICS (at Tamb = 25 C unless otherwise stated).
PARAMETER Reverse Breakdown Voltage Forward Voltage SYMBOL V (BR)R VF MIN. 60 TYP. 80 245 275 330 395 455 510 620 50 17 12 280 320 390 470 530 600 740 100 MAX. UNIT V mV mV mV mV mV mV mV A pF ns CONDITIONS. IR= 300A IF= IF= IF= IF= IF= IF= IF= 50mA* 100mA* 250mA* 500mA* 750mA* 1000mA* 1500mA*
Reverse Current Diode Capacitance Reverse Recovery Time
IR CD t rr
V R= 45V f= 1MHz,V R= 25V switched from IF = 500mA to IR = 500mA Measured at IR = 50mA
*Measured under pulsed conditions. Pulse width= 300s. Duty cycle 2%
ZHCS1006
TYPICAL CHARACTERISTICS
TYPICAL CHARACTERISTICS
10 1
IF - Forward Current (A)
IR - Reverse Current (A)
100m 10m 1m 100u 10u 1u 100n 10n 1n 0
-55C +125C
1
+100C +50C
100m
+25C
10m
+125C +25C -55C
1m
0
0.1
0.2
0.3
0.4
0.5
0.6
20
40
60
VF - Forward Voltage (V)
VR - Reverse Voltage (V)
IF v VF
IR v VR
0.8
0.6
DC Typical Tj=125C
t
D=t 1/t
p
PF(av) - Avg Pwr Diss (W)
1
Typical
I F(pk)
IF(av) - Avg Fwd Cur (A)
Tj=125C
0.6
D=0.5
t
p
I F(av) =DxI
0.4
F(pk)
D=0.2
0.4
D=0.1 D=0.05
PF(av) =I
F(av)
xV
F
t
1
D=t 1/t
p
0.2
DC D=0.5 D=0.2 D=0.1 D=0.05
t
p
I F(pk)
0.2
I F(av) =DxI PF(av) =I
F(av)
F(pk)
xV
0
75
85
95
105
115
125
0
F
0
0.4
0.8
1.2
TC - Case Temperature (C)
IF(av) - Avg Fwd Curr (A)
IF(av) v TC
PF(av) v IF(av)
Ta - Ambient Temp (C)
125
140
100
Rth=100C/W Rth=200C/W Rth=300C/W
CD - Diode Capacitance (pF)
70
75
1
10
100
0
0
20
40
60
VR - Reverse Voltage (V)
VR - Reverse Voltage (V)
Ta v VR
CD v VR
ZHCS1006
TYPICAL CHARACTERISTICS
MAXIMUM TRANSIENT THERMAL RESISTANCE * Reference above figure, devices were mounted on a 15mmx15mm ceramic substrate.


▲Up To Search▲   

 
Price & Availability of ZHCS1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X